Part Number Hot Search : 
SMP9410 SPX1581 088526 R48D1 5MT750 1N6019C 1220A IR3839
Product Description
Full Text Search
 

To Download ACOW-32768KHZ-A-Q15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: left blank if standard  all specifications and markings subject to change without notice 29 journey  aliso viejo, ca 92656  usa (949) 448-7070  f ax : (949) 448-8484 e- mail : abinfo @ abracon.com  i nternet a ddress : www.abracon.com abracon is iso 9001 / qs 9000 certified corporation abracon -43- ? hcmos/ ttl compatible  32.768 khz full-size dip crystal clock oscillators acow applications:  real-time clock. features:  low power consumption using 32.768 khz crystal.  hcmos and ttl compatible.  full buffered output. parameters specifications                                  

                                   

  frequency range (f o ) 32.768 khz operating temperature (t opr )0 c to + 70 c storage temperature (t sto ) -55 c to +125 c frequency stability ( ? i dd ) 5 m a max. duty cycle or symmetry 40 / 60% o.b. @ 1 / 2 v dd rise and fall times (t r / t f ) 30 ns max. @ 10% to 90% output load 30 pf or 5 lsttl output voltage (v oh ) 0.9 * v dd min. (v ol ) 0.1 * v dd max. aging rate @ year 5 ppm max. acow - 32.768 khz - t ristate - v alue added - a for tristate e/d -g gull wing, p. 73. -qxx (trimmed leads) p. 73. for test circuit, waveforms, please see page 67. environmental and mechanical specifications on page 68, group 1. marking, see page 79. pin function number 1 nc or tristate e/d 7 gnd / case 8 output 14 v dd

             

   

 

             

   

  dimensions: inches (mm) 22355 abracon corx 2-29.qxd 3/6/00 6:54 am page 43


▲Up To Search▲   

 
Price & Availability of ACOW-32768KHZ-A-Q15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X